continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company small signal schottky diodes LL101A, ll101b ll101c sod - 80c mini melf (ll- 34) for general purpose applications absolute maximum ratings description symbol LL101A ll101b unit peak reverse voltage v rrm 60 50 v power dissipation (infinite heat sink) *p d mw maximum single cycle surge 10 m m s square wave i fsm a junction temperature t j oc storage temperature range t stg oc *vaild provided that electrodes are kept at ambient temperature electrical characteristics (rating @ t a =25oc unless otherwise specified) description symbol test condition min max unit reverse breakdown voltage v rrm i r =10 m a LL101A 60 v ll101b 50 v ll101c 40 v leakage current i r v r =50v LL101A 200 na v r =40v ll101b 200 na v r =30v ll101c 200 na forward voltage v f v f =1ma LL101A 0.41 v ll101b 0.40 v ll101c 0.39 v forward voltage v f =15ma LL101A 1.0 v ll101b 0.95 v ll101c 0.90 v junction capacitance c j v r =0v, f=1mhz LL101A 2.0 pf ll101b 2.1 pf ll101c 2.2 pf reverse recovery time t rr i f =10ma, to i r =5ma, recover to 0.1 i r 1.0 ns LL101A_ll101crev290305e - 55 to +150 125 ll101c 40 2.0 400 continental device india limited data sheet page 1 of 3
sod - 80c mini melf ( ll-34 ) all dimensions are in mm sod 80c (ll-34) mini melf hermetically sealed glass package drawings are not to scale all dimensions are in mm all dimensions are in mm 3.50 0.35 0.35 cathode band 0.04 ? 1.50 0.025 ? 1.40 0.20 0.05 0.05 id ent ifi cat i on l a b e l part number date code quantity 10.4 0.5 1.5 120 180 2.0 1.4 180 mm (7") 2 , 500 reel ? no. of device 12.9 4.5 3.5 53.5 12.5 50.5 8.4 notes: 1. maximum of 0.5% of the total number of components per reel may be missing-exclusively at the beginning and at the end of the reel. 2. a maximum of three consecutive components may be missing, provided this gap is followed by six consecutive components. tape & reel de-reeling direction 2.5 0.3 max ?1.6 ?1.4 2.0 3.50 5.50 5.25 0.3 8.00 1.85 1.65 0.05 0.2 0.2 4.0 max de-reeling direction tape leader/carrier leader carrier trailer 300mm (75 empty 160mm (40 empty compartments) compartments) sod-80c t&r 2.5k/reel 225 gm/2.5k pcs 9" x 9" x 9" 40k 18" x 12" x 10" 19" x 19" x 20" 80k 320k 7.2 kgs 28.8 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail continental device india limited data sheet page 2 of 3 LL101A_ll101crev290305e LL101A, ll101b ll101c
component disposal instructions ? 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. LL101A_ll101crev290305e customer notes disclaimer the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3 2. in europe, please dispose as per eu directive 2002/96/ec on waste electrical and electronic equipment (weee). sod - 80c mini melf ( ll-34 )
|